Part Number Hot Search : 
2N942 16VME3T VC2G0 MPQ2907 CW7815 1N5267B B20100C 20043
Product Description
Full Text Search
 

To Download MAATSS0018TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
Features
* * * * * * * Single 10 dB Step Low Loss: 0.3 dB @ 900 MHz Lead-Free SOT-25 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of AT-266
MAATSS0018 V2
Functional Block Diagram
Description
M/A-COM's MAATSS0018 is a 1 bit, 10 dB step GaAs MMIC digital attenuator in a lead-free SOT-25 surface mount plastic package. The MAATSS0018 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, wireless LANs, GPS equipment and other gain/level control circuits. The MAATSS0018 is a GaAs MMIC using a mature 1-micron process. The process features full chip passivation for increased performance and reliability.
Pin Configuration
Pin No.
1 2 3 4
Function
RF1 GND RF2 V1 V2
Description
RF In/Out RF Ground RF In/Out Control Voltage Control Voltage
Ordering Information
Part Number
MAATSS0018 MAATSS0018TR
5
Package
Bulk Packaging 1000 piece reel
Truth Table 3,4,5
V1
0 1
V2
1 0
Attenuation State
10 dB Insertion Loss
Note: Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 1,2
Parameter
Input Power 50 MHz 500 - 2000 MHz Control Voltage Operating Temperature Storing Temperature
Absolute Maximum
+27 dBm +34 dBm -8.5 V < Vc < +8 V -40C to +85C -65C to +150C
3. For positive voltage control, external DC blocking capacitors are required on all RF ports (pins 1, 2 and 3) 4. Differential voltage, V(state 1) - V(state 0), must be +2.8 V minimum and less than 8 V. 5. 0 = -8 V to 0.2 V, 1 = -0.2 V to 8 V
1. Exceeding any one or combination of these limits may cause permanent damage to this device. 2. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
Electrical Specifications: TA = 25C, VC = 0 V / -3 V, Z0 = 50
Parameter
Insertion Loss Attenuation VSWR IP3 P1dB Trise, Tfall Ton, Toff Transients Control Current
MAATSS0018 V2
Test Conditions
0 - 1 GHz 1 - 2 GHz DC - 2 GHz 0 - 2 GHz 2 Tone @ 0 dBm, 5 MHz spacing 1 GHz 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF In Band Vc = 3 V
Units
dB dB dB Ratio dBm dBm nS nS mV A
Min.
-- -- 9.5 -- -- -- -- -- -- --
Typ.
0.3 0.5 10 1.4:1 50 28 5 10 6 25
Max.
0.45 0.7 10.5 -- -- -- -- -- -- --
Lead-Free SOT-25
Reference Application Note M538 for lead-free solder reflow recommendations.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz MAATSS0018 V2
Typical Performance Curves (39 pF capacitors used for positive voltage control)
Insertion Loss (Positive Control)
1.0
+25C -40C +85C
Insertion Loss (Negative Control)
1.0
0.8
0.8
+25C -40C +85C
0.6
0.6
0.4
0.4
0.2
0.2
0.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Relative Attenuation (Positive Control)
11.0
+25C -40C +85C
Relative Attenuation (Negative Control)
11.0
+25C -40C +85C
10.5
10.5
10.0
10.0
9.5
9.5
9.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
9.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Return Loss (Reference State)
40
Positive Control Negative Control
Return Loss (10 dB State)
40
Positive Control Negative Control
30
30
20
20
10
10
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
Frequency (GHz)
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAATSS0018TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X